Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download RS2-0503E10A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 1 (3) stand juni 2016 rev 01 1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. output specification voltage accuracy: 3% line regulaton: per 1%vin change: 1.2% load regulation: from 20% to 100%: load 10% output 3.3v model: 20% ripple noise (20mhz bandwidth): 75mv pk-pk temperature coefcient: 0.02% c capacitor load: see table input specifications voltage range: 10% max. input current: see table no-load/full-load input current: see table input filter: capacitors input refected ripple current : 20ma pk-pk general specifications efciency: see table i/o isolaton voltage (60sec): 1000 ~ 3000vdc i/o isolaton capacitance: 60pf typ. i/o isolaton resistance: 1000m ohm switching frequency: variable 80khz humidity: 95% rel h reliability calculated mtbf : >1.121mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec 60950-1 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 100c storage temperature : -40c ~+125c cooling : nature convecton physical specifications: case material: non-conductve black plastc (ul94v-0 rated) pin material sip case: ? 0.5mm alloy42 solder-coated potng material: epoxy (ul94v-0 rated) weight case- sip: 2.3g weight case-dip: 2.6g dimmension sip: 0.76 x 0.24 x 0.39 dimmension dip: 0.80 x 0.40 x 0.27 absolute maximum ratings (1) input surge voltage (100ms)/ 5 v models: 7vdc max 12v models: 15vdc max 24v models: 28vdc max 48v models: 54vdc max soldering temperature (2) : 260c max. ? 7 pin sil/ 14pin dil package ? 1000vdc isolaton ? up to 3000vdc isolaton ? low ripple and noise ? efciency up to 80% ? operatng temperature range: -40 ~ +85c ? non conductve black plastc case dc/dc-converter rs2/rd2-e10/t10 1.0w unregulated dual separate output we energize electronics! an acal group company we energize electronics! rohs
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 2 (3) stand juni 2016 rev 01 r d2 - xx xx x xx power (w) input t ype a x code inter nal isolation (kvdc) model selection guide model number input voltage range (vdc) input current output voltage(vdc) output1 output2 output current efficiency @fl(%) capacitor load(uf) no - load (ma) full load (ma) full load(ma) output1 output2 r s 2/rd2 -0 5 03t 10ax 5 25 259 5 , 3.3 100 , 152 77 100 r s 2/rd2 -0 5 0 7t10a x 5 25 266 5 , 7.2 100 , 69 75 100 r s 2/rd2 -0 509t10 a x 5 25 259 5 , 9 100 , 56 77 100 r s 2/rd2 -0 512t10 a x 5 25 259 5 , 12 100 , 42 77 100 r s 2/rd2 -0 515t10 a x 5 25 256 5 , 15 100 , 33 78 100 r s 2/rd2 -1 2 0 3t10a x 12 15 106 5 , 3.3 100 , 152 78 100 r s 2/rd2 -1 2 0 7t10a x 12 15 111 5 , 7.2 100 , 69 75 100 r s 2/rd2 -1 209t10 a x 12 15 108 5 , 9 100 , 56 77 100 r s 2/rd2 -1 212t10 a x 12 15 92 5 , 12 100 , 42 80 100 r s 2/rd2 -1 215t10 a x 12 15 106 5 , 15 100 , 33 78 100 r s 2/rd2 -2 4 0 3t10a x 24 8 55 5 , 3.3 100 , 152 75 100 r s 2/rd2 -2 4 0 7t10a x 24 8 55 5 , 7.2 100 , 69 75 100 r s 2/rd2 -2 409t10 a x 24 8 54 5 , 9 100 , 56 77 100 r s 2/rd2 -2 412t10 a x 24 8 53 5 , 12 100 , 42 78 100 r s 2/rd2 -2 415t10 a x 24 8 53 5 , 15 100 , 33 78 100 r s 2/rd2-0 505e10a x 5 25 266 5 , 5 100 , 100 75 100 r s 2/rd2-0 5 0 7e10a x 5 25 259 7.2 , 7.2 69 , 69 77 100 r s 2/rd2-0 509e10a x 5 25 253 9 , 9 56 , 56 79 100 r s 2/rd2-0 512e10a x 5 25 250 12 , 12 42 , 42 80 100 r s 2/rd2-0 515e10a x 5 25 243 15 , 15 33 , 33 82 100 r s 2/rd2-1 205e10a x 12 15 111 5 , 5 100 , 100 75 100 r s 2/rd2-1 2 0 7e10a x 12 15 108 7.2 , 7.2 69 , 69 77 100 r s 2/rd2-1 209e10a x 12 15 108 9 , 9 56 , 56 77 100 r s 2/rd2-1 212e10a x 12 15 104 12 , 12 42 , 42 80 100 r s 2/rd2-1 215e10a x 12 15 102 15 , 15 33 , 33 81 100 r s 2/rd2-2 405e10a x 24 8 55 5 , 5 100 , 100 75 100 r s 2/rd2-2 4 0 7e10a x 24 8 54 7.2 , 7.2 69 , 69 77 100 r s 2/rd2-2 409e10a x 24 8 52 9 , 9 56 , 56 79 100 r s 2/rd2-2 412e10a x 24 8 50 12 , 12 42 , 42 82 100 rd2 - 2415e10 ax 24 8 50 15 , 15 33 , 33 82 100 suffix 3 means 3 kvdc isolation the m odels listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e- mail to : info@rsg - electronic.de note 1.ripple/noise measured with 20mhz bandwidth. 2.tested by minimal vin and constant resistive load. 3.measured input reflected ripple current with a simulated source inductance of 12uh. 4.exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5. operation under no - load conditions will not damage these devices, however they may not meet all listed specifications. 1. ripple/noise measured with 20mhz bandwith. 2. tested by minimal vin and constant resistve load. 3. measured input refected ripple current with a simulated source inductance of 12 h. 4. exceeding the absolute ratngs of the unit could cause damage. it is not allowed for contnuous operatng. 5. operaton under no-load conditons will not damage these devices, however, they may not meet all listed specifcatons. dc/dc-converter rs2/rd2-e10/t10 1.0w unregulated dual separate output we energize electronics! an acal group company we energize electronics!
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 3 (3) stand juni 2016 rev 01 mechanical specifica tions notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 19.5 (0.76) 9.50 (0.37) 0.50 (0.02) 2.54 (0.10) 15.24 (0.60) 3.00 (0.12) 6.00 (0.24) 10.0 (0.39) printed face 1 2 4 5 6 7 0.50 (0.02) 0.25 (0.01) 0.50 (0.02) 1.25 (0.05) dc-dc converter rd2-xxxxxxx rsg xxxx 7 pin sil package dc-dc conver ter rd2-xxxxxx rsg xxxx 20.32 (0.80) 15.24 (0.60) 0.50 (0.02) 1 11 9 10 6.88 (0.27) 14 pin dil package * the thickness of 48v input voltage model i s 7.20(0.28) the pin connection of high isolation one is the same with normal one. pin connections pin number 1 2 6 7 4 dual separate v input + v input v 1 output +v1 output 5 v 2 output +v2 output the pin connection of high isolation one is the same with normal one. pin connections pin number 1 7 1 0 1 1 8 dual separate v input + v input v 1 output n.c 9 v 2 output +v2 output 1 4 +v1 output notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) mechanical specifica tions notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 19.5 (0.76) 9.50 (0.37) 0.50 (0.02) 2.54 (0.10) 15.24 (0.60) 3.00 (0.12) 6.00 (0.24) 10.0 (0.39) printed face 1 2 4 5 6 7 0.50 (0.02) 0.25 (0.01) 0.50 (0.02) 1.25 (0.05) dc-dc converter rd2-xxxxxxx rsg xxxx 7 pin sil package dc-dc conver ter rd2-xxxxxx rsg xxxx 20.32 (0.80) 15.24 (0.60) 0.50 (0.02) 1 11 9 10 6.88 (0.27) 14 pin dil package * the thickness of 48v input voltage model i s 7.20(0.28) the pin connection of high isolation one is the same with normal one. pin connections pin number 1 2 6 7 4 dual separate v input + v input v 1 output +v1 output 5 v 2 output +v2 output the pin connection of high isolation one is the same with normal one. pin connections pin number 1 7 1 0 1 1 8 dual separate v input + v input v 1 output n.c 9 v 2 output +v2 output 1 4 +v1 output notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) mechanical specifica tions notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 19.5 (0.76) 9.50 (0.37) 0.50 (0.02) 2.54 (0.10) 15.24 (0.60) 3.00 (0.12) 6.00 (0.24) 10.0 (0.39) printed face 1 2 4 5 6 7 0.50 (0.02) 0.25 (0.01) 0.50 (0.02) 1.25 (0.05) dc-dc converter rd2-xxxxxxx rsg xxxx 7 pin sil package dc-dc conver ter rd2-xxxxxx rsg xxxx 20.32 (0.80) 15.24 (0.60) 0.50 (0.02) 1 11 9 10 6.88 (0.27) 14 pin dil package * the thickness of 48v input voltage model i s 7.20(0.28) the pin connection of high isolation one is the same with normal one. pin connections pin number 1 2 6 7 4 dual separate v input + v input v 1 output +v1 output 5 v 2 output +v2 output the pin connection of high isolation one is the same with normal one. pin connections pin number 1 7 1 0 1 1 8 dual separate v input + v input v 1 output n.c 9 v 2 output +v2 output 1 4 +v1 output notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) mechanical specifica tions notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 19.5 (0.76) 9.50 (0.37) 0.50 (0.02) 2.54 (0.10) 15.24 (0.60) 3.00 (0.12) 6.00 (0.24) 10.0 (0.39) printed face 1 2 4 5 6 7 0.50 (0.02) 0.25 (0.01) 0.50 (0.02) 1.25 (0.05) dc-dc converter rd2-xxxxxxx rsg xxxx 7 pin sil package dc-dc conver ter rd2-xxxxxx rsg xxxx 20.32 (0.80) 15.24 (0.60) 0.50 (0.02) 1 11 9 10 6.88 (0.27) 14 pin dil package * the thickness of 48v input voltage model i s 7.20(0.28) the pin connection of high isolation one is the same with normal one. pin connections pin number 1 2 6 7 4 dual separate v input + v input v 1 output +v1 output 5 v 2 output +v2 output the pin connection of high isolation one is the same with normal one. pin connections pin number 1 7 1 0 1 1 8 dual separate v input + v input v 1 output n.c 9 v 2 output +v2 output 1 4 +v1 output notes : all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) notes: 1. packing informaton please refer to ?product packing informaton. packing bag number: 58210023; 2. if the product is operated out of the min. load requirement, the product performance may not meet all parameter indexes in this datasheet; 3. the max. capacitve load ofered is tested at nominal input voltage and full load; 4. unless otherwise specifed,parameter indexes in this datasheet is measured under the conditons of ta=25c, humidity<75% with nominal input voltage and rated output load; 5. all testng methods in this datasheet are based on our companys corporate standards; 6. the parameter indexes above are for the modules listed in this datasheet, for non-standard modules parameter indexes, please contact our technicians for specifc informaton; 7. we can provide custom design; 8. specifcatons are subject to change without prior notce. dc/dc-converter rs2/rd2-e10/t10 1.0w unregulated dual separate output we energize electronics! an acal group company we energize electronics! mechanical specifications sil 7 dil 14 the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28


▲Up To Search▲   

 
Price & Availability of RS2-0503E10A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X